Part Number Hot Search : 
SG6980 GS9002A 025PR CC300 29LV033 F4010 LBN08025 1590A
Product Description
Full Text Search
 

To Download MBR0520PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-21131 rev. A 08/06
MBR0520PBF
SCHOTTKY DIODE 0.5 Amp
IF(AV) = 0.5Amp VR = 20V
Major Ratings and Characteristics Characteristics
I F(AV) (DC) VRRM IFSM @ tp= 10 ms sine VF TJ @ 0.5Apk, TJ= 100C range
Description/ Features Units
A V A V C This Schottky diode is ideally suited for low voltage, high frequency operation, as freewheeling and polarity protection. Small size of the package allows proper use in application where compact size is critical, fitting also the GSM and PCMCIA requirement. Surface mountable Very low forward voltage drop Extremely fast switching Negligible switching losses Guard ring for enhanced ruggedness and long term reliability Lead-Free ("PbF" suffix)
Value
0.5 20 6.5 0.36 - 65 to 150
Case Styles
(A)
1
2
(K)
SOD123
www.irf.com
1
MBR0520PBF
Bulletin PD-21131 rev. A 08/06
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
Value
20
Absolute Maximum Ratings
Parameters
IF IFSM Max. Average Forward Current Max. Peak One Cycle Non-Repetitive Surge Current, @ 25C
Value
0.5 55 6.5
Units
A A A
Conditions
DC, TL = 129C 5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse Following any rated load condition and with rated V RRM applied
Electrical Specifications
Parameters
VFM VFM IRM Max. Forward Voltage Drop Max. Forward Voltage Drop Max. Reverse Leakage Current (1) (1) (1)
Value
0.375 0.440 0.260 0.360 40 3 150 7
Units
V V V V A mA A mA pF V/s @ 0.1A @ 0.5A @ 0.1A @ 0.5A TJ = 25C TJ = 100C TJ = 25C TJ = 100C
Conditions
TJ = 25C TJ = 100C VR = 10V VR = 20V
CT
Max. Junction Capacitance (Rated VR)
110 10000
VR = 5VDC (test signal range 100KHz to 1Mhz), TJ = 25C
dv/dt Max. Voltage Rate of Change
(1) Pulse Width < 300s, Duty Cycle < 2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range (*) Max. Storage Temperature Range
Value
- 65 to 150 - 65 to 150 150 200 0.012
Units
C C
Conditions
RthJL Max. Thermal Resistance Junction to Lead RthJA Max. Thermal Resistance Junction to Ambient Wt Approximate Weight Case Style Device Marking (*)dPtot 1 < dTj Rth( j-a)
C/W Mounted on PC board FR4 with minimum pad size C/W 1 inch square pad size (1 x 0.5 inch for each lead) on FR4 board gr
SOD123 AYWLC
thermal runaway condition for a diode on its own heatsink
2
www.irf.com
MBR0520PBF
Bulletin PD-21131 rev. A 08/06
100
Tj = 150C
10
Reverse Current - I R (mA)
10 1 0.1 0.01 0.001 0.0001
0 5 10
125C 100C 75C 50C 25C
Instantaneous Forward Current - I F (A)
1
15
20
25
Reverse Voltage - V R (V) Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage
Tj = 150C Tj = 100C
0.1
Tj = 25C
1000
Junction Capacitance - C T (pF)
T = 25C J
100
0.01 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7
Forward Voltage Drop - V FM (V) Fig. 1 - Maximum Forward Voltage Drop Characteristics
10 0 5 10 15 20 25
Reverse Voltage - V R (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
www.irf.com
3
MBR0520PBF
Bulletin PD-21131 rev. A 08/06
160
Allowable Lead Temperature (C)
0.3
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 DC
Average Power Loss (Watts)
150 140 130 120 Square Wave (D = 0.50) 110
see note (2)
0.2
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 DC RMS Limit
0.1
100 0 0.2 0.4 0.6 0.8
Average Forward Current - I F(AV) (A) Fig. 5 - Maximum Allowable Case Temperature Vs. Average Forward Current
0 0 0.2 0.4 0.6 0.8
Average Forward Current - I F(AV) (A) Fig. 6 - Forward Power Loss Characteristics
Non-Repetitive Surge Current - I FSM (A)
100
10
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge
1 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec) Fig. 7 - Maximum Non-Repetitive Surge Current
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D)
4
www.irf.com
MBR0520PBF
Bulletin PD-21131 rev. A 08/06
Outline Table
K J L B A
DIM A B C H J K L M
Millimeters Min 0.55 1.40 3.55 2.55 0.95 8 Max 0.70 1.70 3.85 2.85 0.10 1.35 0.5 0.15
Inches Min 0.022 0.055 0.140 0.100 0.037 Max 0.028 0.067 0.152 0.112 0.004 0.053 0.02 0.006 8C
SOLDERING PAD
2
0.91 mm 0.036" 1.22 mm 0.048" 2.36 mm 0.093"
C
Tape & Reel Information
Ordering Information Table
Device MBR0520 Package SOD-123 Marking AYWLC Base qty 3000 Delivery mode Tape & Reel
www.irf.com
H 1
4.19 mm 0.165"
1
2
SOT23
Dimensions in millimeters and (inches)
5
MBR0520PBF
Bulletin PD-21131 rev. A 08/06
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 08/06
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of MBR0520PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X